PART |
Description |
Maker |
8910DPA33V02Y244 |
CONTACTOR 600VAC 30AMP DPA OPTIONS
|
List of Unclassifed Man...
|
EPR-71 |
Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
|
POWERINT[Power Integrations, Inc.]
|
EPR-68 |
Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
|
POWERINT[Power Integrations, Inc.]
|
SBA100-04J |
40V/ 10A Rectifier 40V 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
L36SA05010NRFA |
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out 德尔福系列L36SA × 1.60瓦系列DC / DC电源模块1875V的中.0V/10A
|
TE Connectivity, Ltd.
|
JMK316BJ226ML-T501 LTM4600EV LTM4600IV LTM460006 L |
10A High Effi ciency DC/DC 渭Module 10A High Effi ciency DC/DC μModule 10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -40°C to 85°C 10A High Effi ciency DC/DC μModule
|
Linear Technology LINEAR TECHNOLOGY CORP
|
SB100-09 |
90V/ 10A Rectifier 90V, 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
IR3475MTRPBF IR3475MTR1PBF 2R5TPE330M9 C1608X5R1A2 |
10A Highly Integrated SupIRBuck Constant On.Time Control 10A Programmable High Freq Sync Buck Regulator with onboard constant on time hysteretic controller and MOSFETs Compensation Loop not Required
|
International Rectifier International Rectifier, Corp.
|
DD22.6321.1111 DD22.9121.1111 |
DD22 POWER ENTRY MODULE W. FILTER 6A M5 6A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER FILTER, IEC, 10A, 2P SWITCH FUSE; Current rating:10A; Temp, op. max:85(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes 10A, 250 VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG
|
6205.2100 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Solder Tabs; Spare fuse compartment; blackThermoplastic housing 10A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
2N3471 2N2228 2N2226 |
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 10A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 10A I(C) | TO-81 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 10A I(C) | TO-81
|
|